Part Number Hot Search : 
0NE03 39SF010 OP196 SMF90A ML12513 MCA255 SA17CA VTE1261
Product Description
Full Text Search
 

To Download CDL13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Company
NPN PLASTIC POWER TRANSISTOR
CDL13005 TO-220 Plastic Package
Used in Energy Saving Lights and Power Switch Circuits ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Power Dissipation upto Ta=25C Power Dissipation upto Tc=25C Operating And Storage Junction Temperature Range SYMBOL VCBO VCEO VEBO IC PD PD Tj, Tstg VALUE 700 400 9 4 2 75 - 55 to +150 UNIT V V V A W W C
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO VCB=700V, IE=0 Collector Cut Off Current VEB=9V, IC=0 IEBO Emitter Cut Off Current IC=1A, VCE=5V *hFE DC Current Gain Ratio Between hFE1 of Low Current and hFE1 IC=5mA, VCE=5V hFE1/hFE2 hFE2 IC=1A, VCE=5V hFE2 of High Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Transition Frequency Switching Time DESCRIPTION Fall Time Storage Time *hFE Classification Marking Product is pre-selected in DC Current Gain (Groups A to E). CDIL reserves the right to ship any of the group(s) to customers depending on production availability. XX=date code *Pulse Test tp < 300s, Duty Cycle < 2%
CDL13005Rev_3 020304E
MIN
TYP
10 0.75
MAX 0.1 0.1 50
UNIT mA mA
*VCE (sat) *VBE (sat) fT
IC=2A, IB=0.5A IC=2A, IB=0.5A VCE=10V, IC=500mA, f=1MHz 5
0.6 1.5
V V MHz
SYMBOL tf ts
TEST CONDITION IC=2A, IB1= -1B2=0.4A VCC=120V A : 10 - 21 CDL 13005 A XX B : 20 - 31 CDL 13005 B XX
MIN
TYP
MAX 0.8 3.6
UNIT s s
C : 30 - 41 CDL 13005 C XX
E : 40 - 50 CDL 13005 E XX
Continental Device India Limited
Data Sheet
Page 1 of 3
CDL13005 TO-220 Plastic Package TO-220 Plastic Package
B H F C E DIM MIN MAX 14.42 16.51 A 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 E 1.40 3.75 3.88 F G 2.29 2.79 2.54 3.43 H -- 0.56 J K 12.70 14.73 2.80 4.07 L M 2.03 2.92 -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D G K 0 J M 0
4
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
TO-220 Tube Packing
Label 536.00 1.5 End Pin 13.74
DEVICE NAME Sr. QTY.
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
6.87 Tube Thickness
Label
92.0
538
.00
75.0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
OUTER CARTON BOX Size 17" x 15" x 13.5" 19" x 19" x 19" Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
Packing Detail
PACKAGE Details TO-220 /FP STANDARD PACK Net Weight/ Qty Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTON BOX Qty 1.0K 1.0K
200 pcs/ polybag 396 gm/ 200 pcs 50 pcs/ tube 120 gm/ pcs 50
CDL13005Rev_3 020304E
Continental Device India Limited
Data Sheet
32.85
Page 2 of 3
Customer Notes
CDL13005 TO-220 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CDL13005Rev_3 020304E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CDL13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X